|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
IDTQS3L384 HIGH-SPEED LOW POWER 10-BIT BUS EXCHANGE SWITCH INDUSTRIAL TEMPERATURE RANGE QUICKSWITCH(R) PRODUCTS HIGH-SPEED LOW POWER CMOS 10-BIT BUS EXCHANGE SWITCH FEATURES: * * * * * * * IDTQS3L384 Enhanced N channel FET with no inherent diode to Vcc 5 bidirectional switches connect inputs to outputs Zero propagation delay, zero added ground bounce Ultra low power with 0.2A typical Icc Undershoot clamp diodes on all switch and control inputs Two enables control five bits each Available in SOIC, QSOP, and TSSOP packages DESCRIPTION: The QS3L384 provides a set of ten high-speed CMOS TTL-compatible bus switches. The low ON resistance of the QS3L384 allows inputs to be connected to outputs without adding propagation delay and without generating additional ground bounce noise. The Bus Enable (BE) signals turn the switches on. Two bus enable signals are provided, one for each of the upper and lower five bits of the two 10-bit buses. The QS3L384 is characterized for operation at -40C to +85C. APPLICATIONS: * * * * * * Hot-swapping, hot-docking Voltage translation (5V to 3.3V) Power Conservation Capacitance reduction and isloation Bus Isolation Clock Gating FUNCTIONAL BLOCK DIAGRAM A0 B0 A4 B4 A5 B5 A9 B5 BE A BE B The IDT logo is a registered trademark of Integrated Device Technology, Inc. INDUSTRIAL TEMPERATURE RANGE 1 c 2000 Integrated Device Technology, Inc. FEBRUARY 2000 DSC-5772/1 IDTQS3L384 HIGH-SPEED LOW POWER 10-BIT BUS EXCHANGE SWITCH INDUSTRIAL TEMPERATURE RANGE PIN CONFIGURATION ABSOLUTE MAXIMUM RATINGS(1) Symbol VTERM(2) VTERM(3) VTERM(3) VAC IOUT PMAX TSTG Description Supply Voltage to Ground DC Switch Voltage VS DC Input Voltage VIN AC Input Voltage (pulse width 20ns) DC Output Current Maximum Power Dissipation (TA = 85C) Storage Temperature Max -0.5 to +7 -0.5 to +7 -0.5 to +7 -3 120 0.5 -65 to +150 Unit V V V V mA W C BEA B0 A0 A1 B1 B2 A2 A3 B3 B4 A4 GND 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 VCC B9 A9 A8 B8 B7 A7 A6 B6 B5 A5 BEB NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. VCC terminals. 3. All terminals except VCC . CAPACITANCE (TA = +25C, f = 1MHz, VIN = 0V, VOUT = 0V) Pins Control Inputs Quickswitch Channels (Switch OFF) Typ. 3 5 Max. (1) 5 7 Unit pF pF SOIC/ QSOP/ TSSOP TOP VIEW NOTE: 1. This parameter is guaranteed but not production tested. PIN DESCRIPTION Pin Names A0 - A9 B0 - B9 BEA, BEB I/O I/O I/O I Bus A Bus B Bus Switch Enable Description FUNCTION TABLE(1) BEA H L H L BEB H H L L B0 - A4 Hi-Z A0 - A4 Hi-Z A0 - A4 B5 - B9 Hi-Z Hi-Z A5 - A9 A5 - A9 Function Disconnect Connect Connect Connect NOTE: 1. H = HIGH Voltage Level L = LOW Voltage Level Z = High-Impedance 2 IDTQS3L384 HIGH-SPEED LOW POWER 10-BIT BUS EXCHANGE SWITCH INDUSTRIAL TEMPERATURE RANGE DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE Following Conditions Apply Unless Otherwise Specified: Industrial: TA = -40C to +85C, VCC = 5V 5% Symbol VIH VIL IIN IOZ RON VP Parameter Input HIGH Voltage Input LOW Voltage Input Leakage Current (Control Inputs) Off-State Current (Hi-Z) Switch ON Resistance Pass Voltage(2) Test Conditions Guaranteed Logic HIGH for Control Pins Guaranteed Logic LOW for Control Pins 0V VIN VCC 0V VOUT VCC VCC = Min., VIN = 0V, ION = 30mA VCC = Min., VIN = 2.4V, ION = 15mA VIN = VCC = 5V, IOUT = -5A Min. 2 -- -- -- -- -- 3.7 Typ.(1) Max. -- -- -- 0.01 5 10 4 -- 0.8 1 1 7 15 4.2 V Unit V V A A NOTES: 1. Typical values are at VCC = 5V and TA = 25C. 2. Pass voltage is guaranteed but not production tested. TYPICAL ON RESISTANCE vs VIN AT VCC = 5V 16 RON (ohms) 14 12 10 8 6 4 2 0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 VIN (Volts) 3 IDTQS3L384 HIGH-SPEED LOW POWER 10-BIT BUS EXCHANGE SWITCH INDUSTRIAL TEMPERATURE RANGE POWER SUPPLY CHARACTERISTICS Symbol ICCQ ICC ICCD Parameter Quiescent Power Supply Current Power Supply Current per Input HIGH(2) Dynamic Power Supply Current per MHz(3) Test Conditions(1) VCC = Max., VIN = GND or VCC, f = 0 VCC = Max., VIN = 3.4V, f = 0 VCC = Max., A and B Pins Open, Control Inputs Toggling @ 50% Duty Cycle NOTES: 1. For conditions shown as Min. or Max., use the appropriate values specified under DC Electrical Characteristics. 2. Per TTL-driven input (VIN = 3.4V, control inputs only). A and B pins do not contribute to Icc. 3. This current applies to the control inputs only and represents the current required to switch internal capacitance at the specified frequency. The A and B inputs generate no significant AC or DC currents as they transition. This parameter is guaranteed but not production tested. Typ. 0.2 Max. 3 1.5 0.25 Unit A mA mA/MHz SWITCHING CHARACTERISTICS OVER OPERATING RANGE TA = -40C to +85C, VCC = 5V 5% CLOAD = 50pF, RLOAD = 500 unless otherwise noted. Symbol tPLH tPHL tPZL tPZH tPLZ tPHZ Parameter Data Propagation Delay(2) Ax to Bx, Bx to Ax Switch Turn-On Delay BEA, BEB to Ax, Bx Switch Turn-Off Delay(2) BEA, BEB to Ax, Bx 1.5 1.5 6.5 5.5 ns ns Min. (1) Typ. Max. 0.25(3) Unit ns NOTES: 1. Minimums are guaranteed but not production tested. 2. This parameter is guaranteed but not production tested. 3. The bus switch contributes no propagation delay other than the RC delay of the ON resistance of the switch and the load capacitance. The time constant for the switch alone is of the order of 0.25ns at CL = 50pF. Since this time constant is much smaller than the rise and fall times of typical driving signals, it adds very little propagation delay to the system. Propagation delay of the bus switch, when used in a system, is determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side. 4 IDTQS3L384 HIGH-SPEED LOW POWER 10-BIT BUS EXCHANGE SWITCH INDUSTRIAL TEMPERATURE RANGE ORDERING INFORMATION IDTQS XXXXX Device Type XX Package SO Q PA 3L384 Small Outline IC Quarter Size Outline Package Thin Shrink Small Outline Package High Speed Low Power CMOS 10-Bit Bus Switch CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054 for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com for Tech Support: logichelp@idt.com (408) 654-6459 5 |
Price & Availability of IDTQS3L384 |